PART |
Description |
Maker |
BU-61585P0-12 BU-61580P0-12 BU-61585P5-12 BU-61580 |
2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CPGA70 1.900 X 1.900 INCH, LOW PROFILE, CERAMIC, PGA-70 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CDSO70
|
Data Device, Corp. Murata Manufacturing Co., Ltd. DATA DEVICE CORP
|
BU-61745F3-730 BU-61743F3-730 BU-61843F3-730 BU-61 |
2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CQFP72
|
DATA DEVICE CORP
|
BU-61580P0-120 BU-65620P3-100 BU-61581P0-120 BU-65 |
2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CPGA70 CERAMIC, PGA-70
|
Data Device, Corp. DATA DEVICE CORP
|
5962H9211802VYA 5962H9211802VYC 5962-9211803QZA 59 |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Intersil, Corp. Maxwell Technologies, Inc
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
CT25421111 CT2543-FP-701 CT2542 CT2542-701 CT2542- |
CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B 的CT 2542 / CT2543双冗余远程终端的MIL - STD - 1553B总线 CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B CT 2542 / CT2543双冗余远程终端的MIL - STD - 1553B总线 DIODE SWITCHING SINGLE 75V 300mA-Io 350mW 4ns-trr SOT-23 3K/REEL CT 2542 / CT2543双冗余远程终端的MIL - STD - 1553B总线
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
MRCN |
Molded Sip, Molded Epoxy Case, Solderability per MIL-STD-202 Method 208E, Marking Resistance to Solvents per MIL-STD-202 Method 215
|
Vishay
|
BUS-8559-840L BUS-8559-890Q BUS-8559-840Q BUS-8559 |
VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER 可变输出的MIL - STD - 1553收发
|
Electronic Theatre Controls, Inc.
|
5962-9086906MXAC 5962-9086906MYAC 5962-9086903 596 |
64kx8 EEPROM, CMOS, MIL-STD-883, 150ns 64kx8 EEPROM, CMOS, MIL-STD-883, 200ns 64kx8, CMOS, EEPROM, MIL-STD-883, 150ns 64kx8 EEPROM, CMOS, MIL-STD-883, 250ns
|
Intersil
|
BUS-63108II-100 BUS-63128II-100 BUS-63108II-110 BU |
DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, CDFP24 1.275 X 0.775, 0.175 INCH HEIGHT, FP-24 DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, CDFP36 1.905 X 0.785, 0.165 INCH HEIGHT, FP-36
|
Data Device, Corp.
|
ZF-1346-6.3 |
The ZF-1346-6.3 filter is configured to be compatible with MIL-Std-461C. The ZF-1346-6.3 filter is configured to be compatible with MIL-Std-461C.
|
JMK Inc.
|